PART |
Description |
Maker |
M80-321 M80-322 |
DATAMATE MIX-TEK POWER CONTACT FEMALE VERTICAL PC-TAIL
|
Harwin Plc
|
M80-4D10605F1-00-000-05-326 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 6 x Large bore signal contacts, 5 x 14 AWG Power contacts 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M80-4C104F1-22-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 4 x Small bore signal contacts, 4 x Special contact spaces, not supplied with any special contacts
|
HARWIN INC
|
M80-4C11642F1-06-305-00-000 |
Datamate 2-Row Mix-Tek Female Crimp Connector, Hexagonal jackscrews, 16 x Small bore signal contacts, 3 x 2mm Crimp Coax contacts 22 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Harwin PLC
|
M-80-332 |
DATAMATE MIX-TEK
|
Harwin Plc
|
M80-5D1120500-01-317-01-317 |
Datamate 2-Row Mix-Tek Male Crimp Connector, No jackscrews, 12 x Large bore signal contacts, 2 x ?2.7mm Crimp Coax contacts
|
HARWIN INC
|
M83-LFC1F1N36-0000-000 |
Datamate J-Tek 3-Row Female Small Bore Crimp Connector, gold, Hexagonal jackscrews, 3 x 12-way (36)
|
HARWIN INC
|
M80-5T10422M1-02-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 4 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5L10822M5-02-333-00-000 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, 8 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5T10222M1-02-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 2 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
M80-5000000M5-05-337-00-000 M80-5000000M5-06-333-0 |
5 CONTACT(S), MALE, TWO PART BOARD CONNECTOR, SOLDER Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews 5mm board mount, no signal contacts, 6 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|